PART |
Description |
Maker |
VCC6-RAA-156M2500 VCC6-RCF-56M0000 VCC6-QAE-83M333 |
CRYSTAL OSCILLATOR, CLOCK, 156.25 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 56 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 83.333 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.68 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 260 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 86 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 105 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 27.12 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 128 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.5 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 62.208 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125.0093 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 120 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 168.6997 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 168.6997 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 135 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 112 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 114.285 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 110 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 166.6286 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 161.1328 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 187.5 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 90 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 68 MHz, LVDS OUTPUT
|
VECTRON INTERNATIONAL
|
VC-707-EDW-FA VC-707-EDE-KA VC-707-ECE-FA VC-707-E |
LVPECL, LVDS Crystal Oscillator Data Sheet CRYSTAL OSCILLATOR, CLOCK, 312 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 446 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 270 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 644.5313 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 446 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 666.5413 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 332 MHz, LVPECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 622.08 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 320 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 350 MHz, LVDS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 779.5686 MHz, LVPECL OUTPUT
|
Vectron International, Inc http://
|
ACT9212 |
LVPECL , LVDS OSCILLATOR
|
Advanced Crystal Technology
|
M2703 M2702 |
SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
|
MTRONPTI
|
M5RJ25EPJ M5RJ78EPJ |
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator 9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
|
MTRONPTI
|
ISM98-6369CH-125.000 ISM98-2369CH-125.000 ISM98-33 |
5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS 5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
|
ILSI America LLC
|
VCC6-L VCC6-LCC-622M080 VCC6-LCF-622M080 VCC6-LCB- |
3.3 volt LVDS Oscillator, >270MHz 3.3 volt LVDS Oscillator, >270MHz CRYSTAL OSCILLATOR, CLOCK, 622.08 MHz, LVDS OUTPUT 3.3 volt LVDS Oscillator, >270MHz 3.3伏的LVDS振荡器,70MHz
|
Vectron International, Inc.
|
ISM68-3268CH-156.250 ISM68-3369CH-156.250 ISM68-63 |
9mm x 14 mm Ceramic Package SMD Oscillator, LVPECL / LVDS 9mm x 14 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
|
ILSI America LLC
|
NBXMBA024 NBXMBA024LN1TAG NBXMBA024LNHTAG NBXSBA02 |
2.5V / 3.3 V, 622.08 MHz PureEdge™ Single Frequency LVPECL Clock Oscillator Module CRYSTAL OSCILLATOR, CLOCK, 622.08 MHz, LVPECL OUTPUT 2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
|
ON Semiconductor
|
EQXP-PC52 EQXP-PC526-622.080000 EQXP-PC526R-622.08 |
CRYSTAL OSCILLATOR, CLOCK, 0.75 MHz - 1000 MHz, LVPECL OUTPUT ROHS COMPLIANT, CERAMIC PACKAGE-6 LVPECL 5x3.2mm 2.5V OSCILLATOR
|
Euroquartz, Ltd. EUROQUARTZ limited
|
X410-400.0M X410-250.0M |
CRYSTAL OSCILLATOR, CLOCK, 250 MHz, LVPECL OUTPUT 2.5V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
|
CONNOR WINFIELD CORP Connor-Winfield Corporation
|
|